Part Number Hot Search : 
2SC5291 ENA1301 MAX14627 075757 AK9844 202750 2R0430 2SC5291
Product Description
Full Text Search
 

To Download NTE2732A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2732A Integrated Circuit
32K (4K x 8) NMOS UV Erasable PROM
Description: The NTE2732A is a 32,768-bits ultraviolet erasable and electrically programmable read-only memory (EPROM) organized as 4,096 words by 8 bits and manufactured using N-Channel Si-Gate MOS processing. With its single +5V power supply and with an access time of 200ns, the NTE2732A is ideal for use with high performance +5V microprocessors such as the NTE3880. The NTE2732A has an important feature which is the separate output control, Output Enable (OE) from the Chip Enable control (CE). The OE control eliminates bus contention in multiple bus microprocessor systems. The NTE2732A also features an standby mode which reduces the power dissipation without increasing access time. The active current is 125mA while the maximum standby mode is achieved by applying a TTL-high signal to the CE input. Features: D Fast Access Time: 200ns Max D 0 to +70C Standard Temperature Range D Single +5V Power Supply D Low Standby Current (35mA Max) D Inputs and Outputs TTL Compatible During Read and Program D Completely Static Absolute Maximum Ratings: (Note 1) All Input or Output Voltages with respect to GND, VI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6 to -0.6V Supply Voltage with respect to GND during Program, Vpp . . . . . . . . . . . . . . . . . . . . . . . +22 to -0.6V Ambient Temperature under Bias, TA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -10 to +80C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +125C Note 1. Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Operating Modes:
PINS MODE READ STANDBY PROGRAM PROGRAM VERIFTY PROGRAM INHIBIT CE (18) VIL VIH VIL VIL VIH OE/Vpp (20) VIL Don't Care VPP VIL VPP VCC (24) +5 +5 +5 +5 +5 OUTPUTS (9 - 11, 13-17) DOUT HIGH Z DIN DOUT HIGH Z
Read Operation (DC and AC Conditions): Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to +70C VCC Power Supply (Note 2, Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V 5% Vpp Voltage (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Vpp = VCC Note 2. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP. Note 3. VPP may be connected directly to VCC except during programming. The supply current would then be the sum of ICC and IPP1. DC and Operating Characteristics:
Parameter Input Load Current Output Leakage Current VCC Current Standby VCC Current Standby Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage Symbol ILI ILO ICC1 ICC2 VIL VIH VOL VOH IOL= 2.1mA IOH = -400A Test Conditions VIN = 5.5V VOUT = 5.5V CE = VIH, OE = VIL, Note 3 CE = OE = VIL, Note 3 Min - - - - -0.1 2.0 - 2.4 - - Typ - - - 70 - Max 10 10 35 125 +0.8 VCC+1 0.45 - Unit A A mA mA V V V V
Note 3. VPP may be connected directly to VCC except during programming. The supply current would then be the sum of ICC and IPP1. Note 4. Typical values are for TA = +25C and nominal supply voltages. AC Characteristics:
Parameter Address to Output Delay CE to Output Delay OE to Output Delay OE High to Output Float Output Hold from Addresses CE or OE whichever occurred first Symbol tACC tCE tOE tDF tOH Test Conditions CE = OE = VIL OE = VIL CE = VIL CE = VIL, Note 5 CE = OE = VIL Min - - - 0 0 Typ - - - - - Max 200 200 100 60 - Unit ns ns ns ns ns
Note 4. Typical values are for TA = +25C and nominal supply voltages. Note 5. This parameter is only sampled and is not 100% tested. Capacitance: (TA = +25C, f = 1MHz, Note 5 unless otherwise specified)
Parameter Input Capacitance except OE/Vpp OE/Vpp Input Capacitance Output capacitance Symbol CIN1 CIN2 COUT Test Conditions VIN = 0 VIN = 0 VOUT = 0 Min - - - Typ 4 - 8 Max 6 20 12 Unit pF pF pF
Note 4. Typical values are for TA = +25C and nominal supply voltages. Note 5. This parameter is only sampled and is not 100% tested. Read Operation (AC Test Conditions): Output Load: 100pF + 1TTL Gate Input Rise and Fall Times: 20ns Input Pulse Levels: 0.45 to 2.4V Timing Measurement Reference Levels: Inputs 0.8 and 2V/0.8 and 2V
AC Waveforms:
ADDRESSES
ADDRESSES VALID
CE
tCE OE
tDE (Note 6) tACC
tDE (Note 7) tOH HIGH Z VALID OUTPUT
HIGH Z OUTPUT
Note 6. OE may be delayed up to tACC - tOE after the falling edge CE without impact on tACC. Note 7. tDF is specified from OE or CE whichever occurs first. Read Mode: The NTE2732A has two control functions, both of which must be logically satisfied in order to obtain data at the outputs. Chip Enable (CE) is the power control and should be used for device selection. Output Enable (OE) is the output control and should be used to gate data to the output pins, independent of device selection. Assuming that addresses are stable, address access time (tACC) is equal to delay from CE to output (tCE). Data is available at the outputs after the falling edge of OE, assuming that CE has been low and addresses have been stable for at least tACC-tOE. Standby Mode: The NTE2732A has a standby mode which reduces the active power current by 70%, from 125mA to 35mA. The NTE2732A is placed in the standby mode by applying a TTL high signal to CE input. When in standby mode, the outputs are in a high impedance state, independent of the OE input. Output OR-Tieing: Because NTE2732A's are usually used in larger memory arrays, the product features a 2 line control function which accommodates the use of multiple memory connection. The two line control function allows: a) the lowest possible memory power dissipation b) complete assurance that output bus contention will not occur To most efficiently use these two control lines, it is recommended that CE be decoded and used as the primary device selecting function, while OE should be made a common connection to all devices in the array and connected to the READ line from the system control bus. This assures that all deselected memory devices are in their low power standby mode and that the output pins are only active when data is desired from a particular memory device.
Programming Operation: (TA = +25C 5C, VCC = 5V 5%, VPP = 21V 0.5V, Note 8, Note 9) DC and AC Operating Characteristics:
Parameter Input Current (All Inputs) Input Low Level Input High Level Output Low Voltage During Verify Output High Voltage During Verify VCC Supply Current (Active) VPP Supply Current Symbol ILI VIL VIH VOL VOH ICC2 IPP CE = VIL, OE = VPP IOL = 2.1mA IOH = -400A Test Conditions VIN = VIL or VIH Min - -0.1 2.0 - 2.4 - - Typ - - - - - 70 - Max 10 0.8 VCC+1 0.45 - 125 30 Unit A V V V V mA mA
Note 8. VCC must be applied simultaneously with or before VPP and removed simultaneously with or after VPP. The NTE2732A must not be inserted into or removed from a board with VPP at 21 0.5V or damage may occur to the device. Note 9. The maximum allowable voltage which may be applied to the VPP pin during programming is +22V. Care must be taken when switching the VPP supply to prevent overshoot exceeding this 22V maximum specification. AC Characteristics:
Parameter Address Set Up Time OE Set Up Time Data Set Up Time Address Hold Time Data Hold Time Chip Enable to Output Float Delay Data Valid from CE CE Pulse Width During Programming OE Pulse Rise Time During Programming VPP Recovery Time Symbol tAS tOES tDS tAH tDH tDF tDV tPW tPRT tVR CE = VIL, OE = VIL Test Conditions Min 2 2 2 0 2 0 - 45 50 2 Typ - - - - - - - 50 - - Max - - - - - 130 1 55 - - Unit s s s s s ns s ms ns s
Programming Waveforms:
PROGRAM PROGRAM VERIFY
ADRESSES
ADDRESSS N
tAS (Note 12) DATA DATA IN STABLE ADD N tDS tDH (Note 12) (Note 12) Hi Z tDV (Note 11) DATA OUT VALID ADD N tDF (0.13) Max
VPP OE/VPP VIL tPRT (0.05) VIH CE VIL tOES (Note 12) tPW (45ms) tOEH (Note 12) tVR (Note 12)
tAH (0)
Note 11. All times shown in ( ) are minimum and in s unless otherwise specified. Note12. The input timing reference level is 1V for VIL and 2V for VIH. Note13. tOE and TDF are characteristics of the device but must be accommodate by the programmer.
Programming (CAUTION: Exeeding 22V on pin (Vpp) will damage the NTE2732A); When delivered, and after each erasure, all bits of the NTE2732A are in the "1" state. Data is introduced by selectively programming "0"s into the desired bit locations. Although only "0"s will be programmed, both "1"s and "0"s can be presented in the data word. The only way to change a "0" to a "1" is by ultraviolet light erasure. The NTE2732A is in the programming mode when the OE/VPP input is at 21V. It is required that a 0.1F capacitor be placed across OE/VPP and ground to suppress spurious voltage transients which may damage the device. The data to be programmed is applied 8 bits in parallel to the data output pins. The levels required for the address and data inputs are TTL. When the address and data are stable, a 50msec, active low, TTL program pulse is applied to the CE input. A program pulse must be applied at each address location to be programmed. You can program any location at any time-either individualy, sequentially, or at random. The program pulse has a maximum width of 55msec. The NTE2732A must not be programmed with a DC signal applied to the CE input. Programming of multiple NTE2732A is in parallel with the same data can be easily accomplished due to the simplicity of the programming requirements. Like inputs of the paralleled NTE2732As may be connected together when they are programmed with the same data. A low level TTL pulse applied to the CE input programs the paralleled NTE2732As.
Program Inhibit: Programming of multiple NTE2732As in parallel with different data is also easily accomplished. Except for CE, all like inputs (including OE/Vpp) of the parallel NTE2732As may be common. A TTL level program pulse applied to a NTE2732As CE input with OE/VPP at 21V will program that NTE2732A. A high level CE input inhibits the other NTE2732As from being programmed.
Program Verify: A verify should be performed on the programmed bits to determine that they were correctly programmed. The verify is accomplished with OE/VPP and CE at VIL.
Erasure Operation: The erasure characteristics of the NTE2732A are such that erasure begins when the cells are exposed to light with wavelengths shorter than approximately 4000 Angstroms (A). It should be noted that sunlight and certain types of fluorescent lamps have wavelengths in the 3000-4000 A range. Data shows that constant exposure to room level fluorescent lighting could erase a typical NTE2732A in approximately 3 years, while it would take approximately 1 week to cause erasure when exposed to the direct sunlight. If the NTE2732A is to be exposed to these types of lighting conditions for extended periods of time, it is suggested that opaque labels be put over the NTE2732A window to prevent unintentional erasure. The recommended erasure procedure for the NTE2732A is exposure to shortwave ultraviolet light which has a wavelength of 2537 Angstroms (A). The integrated dose (i.e. UV intensity x exposure time) for erasure time with this dosage is approximately 15 to 20 minutes using an ultraviolet lamp with 12000 W/cm2 power rating. The NTE2732A should be placed within 2.5cm of the lamp tubes during erasure. Some lamps have a filter on their tubes which should be removed before erasure.
Pin Connection Diagram
A7 A6 A5 A4 A3 A2 A1 A0 O0 O1 O2 GND
1 2 3 4 5 6 7 8 9 10 11 12
24 23 22 21 20 19 18 17 16 15 14 13
VCC A8 A9 A11 OE/VPP A10 CE O7 O6 O5 O4 O3
1.290 (32.76) Max
.600 (15.24) Max Glass 13 .520 (13.2)
24
1
12 .280 (7.11) Dia UV Window Glass Sealant
.160 (4.06) Max .200 (5.08) Max
.100 (2.54)
.125 (3.17)
.670 (17.02)


▲Up To Search▲   

 
Price & Availability of NTE2732A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X